PART |
Description |
Maker |
P6KE18A P6KE22 P6KE36A P6KE6.8A P6KE7.5A P6KE160 P |
600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 138.00 V. Test current IT = 1 mA. TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS 600瓦特峰值功率瞬态电压抑制器 Power Amplifier Driver 32-VQFN -40 to 85 600瓦特峰值功率瞬态电压抑制器 600 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 284.00 V. Test current IT = 1 mA.
|
Shanghai Sunrise Electronics Bytes
|
DUFF10A60CT DUF10A60CT |
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 600 V Forward Current 10 A
|
Rugao Dachang Electronics Co., Ltd
|
DFR15A20 DFR15A40 DFR15A30 DFR15A60 DFR15A20-15 |
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 15 A
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
MUR1660CT MUR1620CT MUR1640CT MUR1610CT MUR1610CT- |
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 16 A
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
DFR05A20 DFR05A30 DFR05A40 DFR05A60 |
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 5 A
|
Rugao Dachang Electronics Co., Ltd
|
BYS459F-1500 BYS459-1500 BYS459B-1500 |
High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 6.5A Reverse Recovery Time 350ns
|
VISAY[Vishay Siliconix]
|
BYS459B-1500S BYS459-1500S BYS459F-1500S BYS459-15 |
10 A, 1500 V, SILICON, RECTIFIER DIODE, TO-220AC PLASTIC PACKAGE-2 High Voltage Damper Diodes Reverse Voltage 1500V Forward Current 10A Reverse Recovery Time 220ns
|
Vishay Beyschlag VISAY[Vishay Siliconix]
|
P6KEXXXAG P6KEXXXA P6KEXXXARL P6KEXXXARLG P6KE18G |
600 W Transient Voltage Suppressor 47 V SUR40 Unidirectional; Package: Surmetic 40, Axial Lead; Container: Tape and Reel; Qty per Container: 4000 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 600 Watt Peak Power Surmetic TM -40 Transient Voltage Suppressors
|
ONSEMI[ON Semiconductor] http://
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
SMBG33A SMBG33 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ9.0A |
SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT 600 Watt Transient Voltage Suppressor 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA MS3470L14-4S MS3470L14-4P CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-TSSOP -55 to 125 SURFACE MOUNT 600 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|